Part Number Hot Search : 
IRF830 SML60A16 2SK0796A 6047613 X3102V28 10420 28AT3 CD9018
Product Description
Full Text Search
 

To Download C1808X106JARACTU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 1 overview kemets flexible termination (ft-cap) multilayer ceramic capacitor in x7r dielectric incorporates a unique, fexible termination system that is integrated with kemets standard termination materials. a conductive silver epoxy is utilized between the base metal and nickel barrier layers of kemets standard termination system in order to establish pliability while maintaining terminal strength, solderability and electrical performance. this technology was developed in order to address the primary failure mode of mlccsC fex cracks, which are typically the result of excessive tensile and shear stresses produced during board fexure and thermal cycling. flexible termination technology inhibits the transfer of board stress to the rigid ceramic body, therefore mitigating fex cracks which can result in low ir or short circuit failures. although this technology does not eliminate the potential for mechanical damage that may propagate during extreme environmental and handling conditions, it does provide superior fex performance over standard termination systems. ft-cap complements kemets open mode, floating electrode (fe- cap), floating electrode with flexible termination (ff-cap) and kemet power solutions (kps) product lines by providing a complete portfolio of fex mitigation solutions. combined with the stability of an x7r dielectric and designed to accommodate all capacitance requirements, these fex-robust devices are rohs-compliant, offer up to 5 mm of fex-bend capability and exhibit a predictable change in capacitance with respect to time and voltage. capacitance change with reference to ambient temperature is limited to 15% from ?55c to +125c. in addition to commercial grade, automotive grade devices are available which meet the demanding automotive electronics council's aecCq200 qualifcation requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade) ordering information c 1206 x 106 k 4 r a c tu ceramic case size (l" x w") specifcation/ series capacitance code (pf) capacitance tolerance rated voltage (vdc) dielectric failure rate/ design termination finish 1 packaging/grade (c-spec) 2 0603 0805 1206 1210 1808 1812 1825 2220 2225 x = flexible termination two signifcant digits + number of zeros j = 5% k = 10% m = 20% 9 = 6.3 8 = 10 4 = 16 3 = 25 5 = 50 1 = 100 2 = 200 a = 250 r = x7r a = n/a c = 100% matte sn l = snpb (5% pb minimum) see "packaging c-spec ordering options table" below 1 additional termination fnish options may be available. contact kemet for details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 2 packaging c-spec ordering options table packaging type 1 packaging/grade ordering code (c-spec) bulk bag / unmarked not required (blank) 7" reel / unmarked tu 13" reel / unmarked 7411 (eia 0603 and smaller case sizes) 7210 (eia 0805 and larger case sizes) 7" reel / marked tm 13" reel / marked 7040 (eia 0603 and smaller case sizes) 7215 (eia 0805 and larger case sizes) 7" reel / unmarked / 2mm pitch 2 7081 13" reel / unmarked / 2mm pitch 2 7082 1 default packaging is "bulk bag". an ordering code c-spec is not required for "bulk bag" packaging. 1 the terms "marked" and "unmarked" pertain to laser marking option of capacitors. all packaging options labeled as "unmarked" will contain capacitors that have not been laser marked. please contact kemet if you require a laser marked option. for more information see "capacitor marking". 2 the 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see "tape & reel packaging information". benefts 55c to 125c operating temperature range su perior fe performance (up to 5 mm) igh capacitance fe mitigation ? l ead (pb)-free, rohs and reach compliant ? e ia 0603, 0805, 1206, 1210, 1808, 1812, 1825, 2220, and 2225 case sizes ? d c voltage ratings of 6.3 v, 10 v, 16 v, 25 v, 50 v, 100 v, 200 v, and 250 v &d sdflwdqfhriihulqjvudqjlqjiurps)wr) ? a vailable capacitance tolerances of 5%, 10%, and 20% ? a utomotive (aec-q200) grade available ? n on-polar device, minimizing installation concerns sxuhpdwwhwlqsodwhgwhuplqdwlrqqlvkdoorzlqjiru excellent solderability 6q 3ewhuplqdwlrqqlvkrswlrqddlodeohxsrquhtxhvw3e minimum) applications typical applications include circuits with a direct battery or power source connection, critical and safety relevant circuits without lqwhjudwhgfxuuhqwolplwdwlrqdqgdqdssolfdwlrqwkdwlvvxemhfwwrkljkohhovrierdughxuhruwhpshudwxuhffolqj(dpsohv lqfoxghudzsrzhulqsxwvlghowhulqjsrzhusodqhexvkljkfxuuhqwdssolfdwlrqvdxwrprelohedwwhuolqhdqgflufxlwvwkdwfdqqrweh fused to open. markets include consumer, medical, industrial (power supply), automotive, aerospace and telecom. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 3 dimensions C millimeters (inches) l b w s t eia size code metric size code l length w width t thickness b bandwidth s separation minimum mounting technique 0603 1608 1.60 (.063) 0.17 (.007) 0.80 (.032) 0.15 (.006) see table 2 for thickness 0.45 (.018) 0.15 (.006) 0.58 (.023) solder wave or solder refow 0805 2012 2.00 (.079) 0.30 (.012) 1.25 (.049) 0.30 (.012) 0.50 (0.02) 0.25 (.010) 0.75 (.030) 1206 3216 3.30 (.130) 0.40 (.016) 1.60 (.063) 0.35 (.013) 0.60 (.024) 0.25 (.010) n/a 1210 3225 3.30 (.130) 0.40 (.016) 2.60 (.102) 0.30 (.012) 0.60 (.024) 0.25 (.010) solder refow only 1808 4520 4.70 (.185) 0.50 (.020) 2.00 (.079) 0.20 (.008) 0.70 (.028) 0.35 (.014) 1812 4532 4.50 (.178) 0.40 (.016) 3.20 (.126) 0.30 (.012) 0.70 (.028) 0.35 (.014) 1825 4564 4.60 (.181) 0.40 (.016) 6.40 (.252) 0.40 (.016) 0.70 (.028) 0.35 (.014) 2220 5650 5.90 (.232) 0.75 (.030) 5.00 (.197) 0.40 (.016) 0.70 (.028) 0.35 (.014) 2225 5664 5.90 (.232) 0.75 (.030) 6.40 (.248) 0.40 (.016) 0.70 (.028) 0.35 (.014) qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are referenced in table 4, performance & reliability. environmental compliance lead (pb)-free, rohs, and reach compliant without exemptions (excluding snpb termination fnish option). surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 4 electrical parameters/characteristics item parameters/characteristics operating temperature range ?55c to +125c capacitance change with reference to +25c and 0 vdc applied (tcc) 15% 1 aging rate (maximum % capacitance loss/decade hour) 3.0% 2 dielectric withstanding voltage (dwv) 250% of rated voltage (5 1 seconds and charge/discharge not exceeding 50ma) 3 dissipation factor (df) maximum limit @ 25c 5%(6.3v & 10v), 3.5%(16v & 25v) and 2.5%(50v to 250v) 4 insulation resistance (ir) minimum limit @ 25c see insulation resistance limit table (rated voltage applied for 120 5 secs @ 25c) 1 regarding aging rate: capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours. 2 dwv is the voltage a capacitor can withstand (survive) for a short period of time. it exceeds the nominal and continuous working voltage of the capacitor. 3 capacitance and dissipation factor (df) measured under the following conditions: 1 khz 50hz and 1.0 0.2 vrms if capacitance 10f 1 20hz 10hz and 0.5 0.1 vrms if capacitance >10f 4 to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 & agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on". post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance x7r > 25 all 3.0 20% 10% of initial limit 16/25 5.0 < 16 7.5 surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 5 insulation resistance limit table (x7r dielectric) eia case size 1,000 megohm microfarads or 100 g microfarads or 10 g 0201 n/a all 0402 < 0.012 f 0.012 f 0603 < 0.047 f 0.047 f 0805 < 0.15 f 0.15 f 1206 < 0.47 f 0.47 f 1210 < 0.39 f 0.39 f 1808 all n/a 1812 < 2.2 f 2.2 f 1825 all n/a 2220 < 10 f 10 f 2225 all n/a surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 6 table 1a C capacitance range/selection waterfall (0603 C 1210 case sizes) cap cap code case size/ series c0603x c0805x c1206x c1210x voltage code 9 8 4 3 5 1 2 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a rated voltage (vdc) 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 cap tolerance product availability and chip thickness codes C see table 2 for chip thickness dimensions 180 pf 181 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 220 pf 221 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 270 pf 271 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 330 pf 331 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 390 pf 391 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 470 pf 471 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq 560 pf 561 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 680 pf 681 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 820 pf 821 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr 1,000 pf 102 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq 1,200 pf 122 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq 1,500 pf 152 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq 1,800 pf 182 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq 2,200 pf 222 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 2,700 pf 272 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 3,300 pf 332 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 3 ,900 pf 392 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 4,700 pf 472 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 5,600 pf 562 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 6,800 pf 682 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 8,200 pf 822 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 10,000 pf 103 j k m cj cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 12,000 pf 123 j k m cj cj cj cj cj cj dr dr dr dr dr dr dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 15,000 pf 153 j k m cj cj cj cj cj cj dr dr dr dr dr dd dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 18,000 pf 183 j k m cj cj cj cj cj cj dr dr dr dr dr dd dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 22,000 pf 223 j k m cj cj cj cj cj cj dr dr dr dr dr dd dr dr eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 27,000 pf 273 j k m cj cj cj cj cj cj dr dr dr dr dr dd ds eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 33,000 pf 333 j k m cj cj cj cj cj cj dr dr dr dr dr dd d s eq eq eq eq eq eq eq eq fn fn fn fn fn fn fn fn 39,000 pf 393 j k m cj cj cj cj cj cj dr dr dr dr dr dd ds eq eq eq eq eq er eq eq fn fn fn fn fn fn fn fn 47,000 pf 473 j k m cj cj cj cj cj cj dr dr dr dr dr ds dg eq eq eq eq eq er es es fn fn fn fn fn fn fq fq 56,000 pf 563 j k m cj cj cj cj cj dd dd dd dd dd ds dg eq eq eq eq eq eq es es fn fn fn fn fn fn fq fq 68,000 pf 683 j k m cj cj cj cj cj dd dd dd dd dd ds eq eq eq eq eq eq es es fn fn fn fn fn fn fq fq 82,000 pf 823 j k m cj cj cj cj cj dd dd dd dd dd ds eq eq eq eq eq eq es es fn fn fn fn fn fq fa fa 0.10 f 104 j k m cj cj cj cj cj dr dr dr dr dr ds eq eq eq eq eq eq em em fn fn fn fn fn fx fz fz 0.12 f 124 j k m cj cj cj cj cj dr dr dr dr dd dg er er er er er er eu fn fn fn fn fn fx fu fu 0.15 f 154 j k m cj cj cj cj cj dr dr dr dr dd dg er er er er er er eu fq fq fq fq fq fx fm fm 0.18 f 184 j k m cj cj cj cj dr dr dr dr dg dg er er er er er er fq fq fq fq fq fx fk fk 0.22 f 224 j k m cj cj cj cj dr dr dr dr dg dg er er er er er er fq fq fq fq fq fx fk fk 0.27 f 274 j k m cj cj cj dd dd dd dd dd eq eq eq eq er em fq fq fq fq fq fx 0.33 f 334 j k m cj cj cj dg dg dg dg dd eq eq eq eq er eu fx fx fx fx fx fx 0.39 f 394 j k m cj cj cj dg dg dg dg d s eq eq eq eq er eu fx fx fx fx fx fx 0.47 f 474 j k m cj cj cj dg dg dg dg ds er er er er er eu fx fx fx fx fx fx 0.56 f 564 j k m dd dd dd dg dh es es es es er fx fx fx fx fx fa 0.68 f 684 j k m dd dd dd dg dh et et et et es fx fx fx fx fx fz 0.82 f 824 j k m dd dd dd dg ef ef ef ef es fa fa fa fa fa fl 1.0 f 105 j k m dd dd dd dg ef ef ef eu es fu fu fu fu fu fm 1.2 f 125 j k m ds ds ds es es es eu eh fu fu fu fu fz 1.5 f 155 j k m dg dg dg ef ef ef eu eh fu fu fu fu fz 1.8 f 185 j k m dg dg dg es es es ef eh fu fu fu fu fz 2.2 f 225 j k m dg dg dg es es es ef eh fj fj fj fj fz 2.7 f 275 j k m en en en eh fe fe fe fz fu 3.3 f 335 j k m es es es eh fa fa fa fm fm 3.9 f 395 j k m ef ef ef eh fz fz fz fz fk 4.7 f 475 j k m ef ef ef eh fq fq fq fz fs 5.6 f 565 j k m eh eh eh fa fa fa fu cap cap code rated voltage (vdc) 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 voltage code 9 8 4 3 5 1 2 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a case size/ series c0603x c0805x c1206x c1210x surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 7 table 1a C capacitance range/selection waterfall (0603 C 1210 case sizes) cont'd table 1b C capacitance range/selection waterfall (1808 C 2225 case sizes) cap cap code case size/ series c1808x c1812x c1825x c2220x c2225x voltage code 5 1 2 a 3 5 1 2 a 5 1 2 a 3 5 1 2 a 5 1 2 a rated voltage (vdc) 50 100 200 250 25 50 100 200 250 50 100 200 250 25 50 100 200 250 50 100 200 250 cap tolerance product availability and chip thickness codes C see table 2 for chip thickness dimensions 4,700 pf 472 j k m ld ld ld 5,600 pf 562 j k m ld ld ld 6,800 pf 682 j k m ld ld ld gb gb gb gb gb 8,200 pf 822 j k m ld ld ld gb gb gb gb gb 10,000 pf 103 j k m ld ld ld gb gb gb gb gb 12,000 pf 123 j k m ld ld ld gb gb gb gb gb 15,000 pf 153 j k m ld ld ld gb gb gb gb gb 18,000 pf 183 j k m ld ld ld gb gb gb gb gb 22,000 pf 223 j k m ld ld gb gb gb gb gb hb hb hb hb 27,000 pf 273 j k m ld ld gb gb gb gb gb hb hb hb hb 33,000 pf 333 j k m ld ld gb gb gb gb gb hb hb hb hb 39,000 pf 393 j k m ld ld gb gb gb gb gb hb hb hb hb 47,000 pf 473 j k m ld ld gb gb gb gb gb hb hb hb hb kc kc kc kc 56,000 pf 563 j k m ld ld gb gb gb gb gb hb hb hb hb kc kc kc kc 68,000 pf 683 j k m ld gb gb gb gb gb hb hb hb hb kc kc kc kc 82,000 pf 823 j k m ld gb gb gb gb gb hb hb hb hb jc jc jc jc jc kc kc kc kc 0.10 f 104 j k m ld gb gb gb gb gb hb hb hb hb jc jc jc jc jc kc kc kc kc 0.12 f 124 j k m ld gb gb gb gb gb hb hb hb hb jc jc jc jc jc kc kc kc kc 0.15 f 154 j k m ld gb gb gb ge ge hb hb hb hb jc jc jc jc jc kc kc kc kc 0.18 f 184 j k m ld gb gb gb gf gg hb hb hb hb jc jc jc jc jc kc kc kc kc 0.22 f 224 j k m gb gb gb gg gg hb hb hb hb jc jc jc jc jc kc kc kc kc 0.27 f 274 j k m gb gb gg gg gg hb hb hb hb jc jc jc jc jc kb kc kc kc 0.33 f 334 j k m gb gb gg gg gg hb hb hb hb jc jc jc jc jc kb kc kc kc 0 .39 f 394 j k m gb gb gg gg gg hb hb hd hd jc jc jc jc jc kb kc kc kc 0.47 f 474 j k m gb gb gg gj gj hb hb hd hd jc jc jc jc jc kb kc kd kd 0.56 f 564 j k m gc gc gg hb hd hd hd jc jc jc jd jd kb kc kd kd 0.68 f 684 j k m gc gc gg hb hd hd hd jc jc jd jd jd kb kc kd kd 0.82 f 824 j k m ge ge gg hb hf hf hf jc jc jf jf jf kb kc ke ke 1.0 f 105 j k m ge ge gg hb hf hf hf jc jc jf jf jf kb kd ke ke 1.2 f 125 j k m hb jc jc kb ke ke ke cap cap code rated voltage (vdc) 50 100 200 250 25 50 100 200 250 50 100 200 250 25 50 100 200 250 50 100 200 250 voltage code 5 1 2 a 3 5 1 2 a 5 1 2 a 3 5 1 2 a 5 1 2 a case size/ series c1808x c1812x c1825x c2220x c2225x cap cap code case size/ series c0603x c0805x c1206x c1210x voltage code 9 8 4 3 5 1 2 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a rated voltage (vdc) 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 cap tolerance product availability and chip thickness codes C see table 2 for chip thickness dimensions 6.8 f 685 j k m eh eh eh fz fz fz fm 8.2 f 825 j k m eh eh eh fu fu fu fk 10 f 106 j k m eh eh eh fu fu fu fs 12 f 126 j k m 15 f 156 j k m 18 f 186 j k m 22 f 226 j k m fs fs cap cap code rated voltage (vdc) 6.3 10 16 25 50 100 200 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 6.3 10 16 25 50 100 200 250 voltage code 9 8 4 3 5 1 2 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a 9 8 4 3 5 1 2 a case size/ series c0603x c0805x c1206x c1210x surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 8 cap cap code case size/ series c1808x c1812x c1825x c2220x c2225x voltage code 5 1 2 a 3 5 1 2 a 5 1 2 a 3 5 1 2 a 5 1 2 a rated voltage (vdc) 50 100 200 250 25 50 100 200 250 50 100 200 250 25 50 100 200 250 50 100 200 250 cap tolerance product availability and chip thickness codes C see table 2 for chip thickness dimensions 1.5 f 155 j k m hc jc jc kc 1.8 f 185 j k m hd jd jd kd 2.2 f 225 j k m hf jf jf kd 2.7 f 275 j k m 3.3 f 335 j k m 3.9 f 395 j k m 4.7 f 475 j k m gk gk 5.6 f 565 j k m 6.8 f 685 j k m 8.2 f 825 j k m 10 f 106 j k m gk jf jo 12 f 126 j k m 15 f 156 j k m jo jo 18 f 186 j k m 22 f 226 j k m jo cap cap code rated voltage (vdc) 50 100 200 250 25 50 100 200 250 50 100 200 250 25 50 100 200 250 50 100 200 250 voltage code 5 1 2 a 3 5 1 2 a 5 1 2 a 3 5 1 2 a 5 1 2 a case size/ series c1808x c1812x c1825x c2220x c2225x table 1b C capacitance range/selection waterfall (1808 C 2225 case sizes) cont'd surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 9 table 2a C chip thickness/tape & reel packaging quantities package quantity based on fnished chip thickness specifcations. 1 if ordering using the 2 mm tape and reel pitch option, the packaging quantity outlined in the table above will be doubled. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see "tape & reel packaging information". thickness code case size 1 thickness range (mm) paper quantity 1 plastic quantity 7" reel 13" reel 7" reel 13" reel cj 0603 0.80 0.15 4,000 15,000 0 0 dr 0805 0.78 0.20 0 0 4,000 10,000 dd 0805 0.90 0.10 0 0 4,000 10,000 ds 0805 1.00 0.20 0 0 2,500 10,000 dg 0805 1.25 0.15 0 0 2,500 10,000 dh 0805 1.25 0.20 0 0 2,500 10,000 eq 1206 0.78 0.20 4,000 10,000 4,000 10,000 er 1206 0.90 0.20 0 0 4,000 10,000 en 1206 0.95 0.10 0 0 4,000 10,000 es 1206 1.00 0.20 0 0 2,500 10,000 et 1206 1.10 0.20 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 em 1206 1.25 0.15 0 0 2,500 10,000 eh 1206 1.60 0.20 0 0 2,000 8,000 eu 1206 1.60 0.25 0 0 2,000 8,000 fn 1210 0.78 0.20 0 0 4,000 10,000 fq 1210 0.90 0.20 0 0 4,000 10,000 fx 1210 0.95 0.20 0 0 4,000 10,000 fe 1210 1.00 0.10 0 0 2,500 10,000 fa 1210 1.10 0.15 0 0 2,500 10,000 fz 1210 1.25 0.20 0 0 2,500 10,000 fl 1210 1.40 0.15 0 0 2,000 8,000 fu 1210 1.55 0.20 0 0 2,000 8,000 fm 1210 1.70 0.20 0 0 2,000 8,000 fj 1210 1.85 0.20 0 0 2,000 8,000 fk 1210 2.10 0.20 0 0 2,000 8,000 fs 1210 2.50 0.30 0 0 1,000 4,000 ld 1808 0.90 0.10 0 0 2,500 10,000 gb 1812 1.00 0.10 0 0 1,000 4,000 gc 1812 1.10 0.10 0 0 1,000 4,000 ge 1812 1.30 0.10 0 0 1,000 4,000 gf 1812 1.50 0.10 0 0 1,000 4,000 gg 1812 1.55 0.10 0 0 1,000 4,000 gk 1812 1.60 0.20 0 0 1,000 4,000 gj 1812 1.70 0.15 0 0 1,000 4,000 hb 1825 1.10 0.15 0 0 1,000 4,000 hc 1825 1.15 0.15 0 0 1,000 4,000 hd 1825 1.30 0.15 0 0 1,000 4,000 hf 1825 1.50 0.15 0 0 1,000 4,000 jc 2220 1.10 0.15 0 0 1,000 4,000 jd 2220 1.30 0.15 0 0 1,000 4,000 jf 2220 1.50 0.15 0 0 1,000 4,000 jo 2220 2.40 0.15 0 0 500 2,000 kb 2225 1.00 0.15 0 0 1,000 4,000 kc 2225 1.10 0.15 0 0 1,000 4,000 kd 2225 1.30 0.15 0 0 1,000 4,000 ke 2225 1.40 0.15 0 0 1,000 4,000 thickness code case size 1 thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity 1 plastic quantity surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 10 table 2b C bulk packaging quantities packaging type loose packaging bulk bag (default) packaging c-spec 1 n/a 2 case size packaging quantities (pieces/unit packaging) eia (in) metric (mm) minimum maximum 0402 1005 1 50,000 0603 1608 0805 2012 1206 3216 1210 3225 1808 4520 20,000 1812 4532 1825 4564 2220 5650 2225 5664 1 the "packaging c-spec" is a 4 to 8 digit code which identifes the packaging type and/or product grade. when ordering, the proper code must be included in the 15th through 22nd character positions of the ordering code. see "ordering information" section of this document for further details. commercial grade product ordered without a packaging c-spec will default to our standard "bulk bag" packaging. contact kemet if you require a bulk bag packaging option for automotive grade products. 2 a packaging c-spec (see note 1 above) is not required for "bulk bag" packaging (excluding anti-static bulk bag and automotive grade products). the 15th through 22nd character positions of the ordering code should be left blank. all product ordered without a packaging c-spec will default to out standard "bulk bag" packaging. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 11 table 3 C chip capacitor land pattern design recommendations per ipcC7351 eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x v1 v2 c y x v1 v2 c y x v1 v2 0603 1608 0.85 1.25 1.10 4.00 2.10 0.75 1.05 1.00 3.10 1.50 0.65 0.85 0.90 2.40 1.20 0805 2012 0.99 1.44 1.66 4.47 2.71 0.89 1.24 1.56 3.57 2.11 0.79 1.04 1.46 2.42 1.81 1206 3216 1.59 1.62 2.06 5.85 3.06 1.49 1.42 1.96 4.95 2.46 1.39 1.22 1.86 4.25 2.16 1210 3225 1.59 1.62 3.01 5.90 4.01 1.49 1.42 2.91 4.95 3.41 1.39 1.22 2.81 4.25 3.11 1808 4520 2.30 1.75 2.30 7.40 3.30 2.20 1.55 2.20 6.50 2.70 2.10 1.35 2.10 5.80 2.40 1812 4532 2.10 1.80 3.60 7.0 0 4.60 2.00 1.60 3.50 6.10 4.00 1.90 1.40 3.40 5.40 3.70 1825 4564 2.15 1.80 6.90 7.10 7.9 0 2.05 1.60 6.80 6.20 7.30 1.95 1.40 6.70 5.50 7.0 0 2220 5650 2.85 2.10 5.50 8.80 6.50 2.75 1.90 5.40 7.9 0 5.90 2.65 1.70 5.30 7. 20 5.60 2225 5664 2.85 2.10 6.90 8.80 7.9 0 2.75 1.90 6.80 7.9 0 7.30 2.65 1.70 6.70 7. 20 7.0 0 density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805, and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). image below based on density level b for an eia 1210 case size. y c c x x v1 v2 grid placement courtyard y surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 12 soldering process recommended soldering technique: ? s older wave or solder refow for eia case sizes 0603, 0805 and 1206 ? a ll other eia case sizes are limited to solder refow only recommended refow soldering profle: kemets families of surface mount multilayer ceramic capacitors (smd mlccs) are compatible with wave (single or dual), convection, ir or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemet s recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/j-std-020 standard for moisture sensitivity testing. these devices can safely withstand a maximum of three refow passes at these conditions. profle feature termination finish snpb 100% matte sn preheat/soak temperature minimum (t smin ) 100c 150c 150c 200c time (t s ) from t smin to t smax 60 C 120 seconds 60 C 120 seconds ramp-up rate (t l to t p ) 3c/second maximum 3c/second maximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 235c 260c time within 5c of maximum peak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/second maximum 6c/second maximum time 25c to peak temperature 6 minutes maximum 8 minutes maximum 1rwhoowhpshudwxuhvuhihuwrwkhfhqwhuriwkhsdfndjhphdvxuhgrqwkh fdsdflwruergvxuidfhwkdwlvidflqjxsgxulqjdvvhpeouhrz time temperature t smin 25 c to peak t l t s 25 t p t smax t l t p maximum ramp up rate = 3 c/sec maximum ramp down rate = 6 c/sec surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 13 table 4 C performance & reliability: test methods and conditions stress reference test or inspection method terminal strength jisCcC6429 appendix 1, note: force of 1.8 kg for 60 seconds. board flex jisCcC6429 appendix 2, note: standard termination system C 2.0 mm (minimum) for all except 3 mm for c0g. flexible termination system C 3.0 mm (minimum). solderability jCstdC002 magnifcation 50 x. conditions: a) method b, 4 hours @ 155c, dry heat @ 235c b) method b @ 215c category 3 c) method d, category 3 @ 260c temperature cycling jesd22 method jaC104 1,000 cycles (?55c to +125c). measurement at 24 hours +/- 4 hours after test conclusion. biased humidity milCstdC202 method 103 load humidity: 1,000 hours 85c/85% rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours +/- 4 hours after test conclusion. low volt humidity: 1,000 hours 85c/85% rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/- 4 hours after test conclusion. measurement at 24 hours +/- 4 hours after test conclusion. ?55c/+125c. note: number of cycles required C 300, maximum transfer time C 20 seconds, dwell time C 15 minutes. air C air. high temperature life milCstdC202 method 108 /eiaC198 1,000 hours at 125c (85c for x5r, z5u and y5v) with 2 x rated voltage applied. storage life milCstdC202 method 108 150c, 0 vdc for 1,000 hours. vibration milCstdC202 method 204 5 g's for 20 min., 12 cycles each of 3 orientations. note: use 8" x 5" pcb 0.031" thick 7 secure points on one long side and 2 secure points at corners of opposite sides. parts mounted within 2" from any secure point. test from 10 C 2,000 hz mechanical shock milCstdC202 method 213 figure 1 of method 213, condition f. resistance to solvents milCstdC202 method 215 add aqueous wash chemical, okem clean or equivalent. storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureC reels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40oc and maximum storage humidity not exceed 70% relative humidity. temperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within 1.5 years of receipt. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 14 construction dielectric material (batio 3 ) detailed cross section barrier layer (ni) inner electrodes (ni) termination finish (100% matte sn / snpb - 5% pb min) barrier layer (ni) termination finish (100% matte sn / snpb - 5% pb min) inner electrodes (ni) dielectric material (batio 3 ) epoxy layer (ag) epoxy layer (ag) end termination/ external electrode (cu) end termination/ external electrode (cu) surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 15 capacitor marking (optional): these surface mount multilayer ceramic capacitors are normally supplied unmarked. if required, they can be marked as an extra cost option. marking is available on most kemet devices but must be requested using the correct ordering code identif er(s). if this option is requested, two sides of the ceramic body will be laser marked with a k to identify kemet, followed by two characters (per eiaC198 - see table below) to identify the capacitance value. eia 0603 case size devices are limited to the k character only. laser marking option is not available on: ? c0g, ultra stable x8r and y5v dielectric devices ? eia 0402 case size devices ? eia 0603 case size devices with flexible termination option. ? kps commercial and automotive grade stacked devices. ? x7r dielectric products in capacitance values outlined below marking appears in legible contrast. illustrated below is an example of an mlcc with laser marking of ka8, which designates a kemet device with rated capacitance of 100 f. orientation of marking is vendor optional. eia case size metric size code capacitance 0603 1608 170 pf 0805 2012 150 pf 1206 3216 910 pf 1210 3225 2,000 pf 1808 4520 3,900 pf 1812 4532 6,700 pf 1825 4564 0.018 f 2220 5650 0.027 f 2225 5664 0.033 f kemet id 2-digit capacitance code surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 16 capacitor marking (optional) contd capacitance (pf) for various alpha/numeral identif ers 9 0 1 2 3 4 5 6 7 8 capacitance (pf) a 0.1 1 0 10 100 1,000 10,000 100,000 1,000,000 10,000,000 100,000,000 b 0.11 1.1 11 110 1,100 11,000 110,000 1,100,000 11,000,000 110,000,000 c 0.12 1 2 12 120 1,200 12,000 120,000 1,200,000 12,000,000 120,000,000 d 0.13 1 3 13 130 1,300 13,000 130,000 1,300,000 13,000,000 130,000,000 e 0.15 1 5 15 150 1,500 15,000 150,000 1,500,000 15,000,000 150,000,000 f 0.16 1 6 16 160 1,600 16,000 160,000 1,600,000 16,000,000 160,000,000 g 0.18 1 8 18 180 1,800 18,000 180,000 1,800,000 18,000,000 180,000,000 h 0.2 2 0 20 200 2,000 20,000 200,000 2,000,000 20,000,000 200,000,000 j 0.22 2 2 22 220 2,200 22,000 220,000 2,200,000 22,000,000 220,000,000 k 0.24 2.4 24 240 2,400 24,000 240,000 2,400,000 24,000,000 240,000,000 l 0.27 2.7 27 270 2,700 27,000 270,000 2,700,000 27,000,000 270,000,000 m 0.3 3 0 30 300 3,000 30,000 300,000 3,000,000 30,000,000 300,000,000 n 0.33 3 3 33 330 3,300 33,000 330,000 3,300,000 33,000,000 330,000,000 p 0.36 3 6 36 360 3,600 36,000 360,000 3,600,000 36,000,000 360,000,000 q 0.39 3 9 39 390 3,900 39,000 390,000 3,900,000 39,000,000 390,000,000 r 0.43 4 3 43 430 4,300 43,000 430,000 4,300,000 43,000,000 430,000,000 s 0.47 4.7 47 470 4,700 47,000 470,000 4,700,000 47,000,000 470,000,000 t 0.51 5.1 51 510 5,100 51,000 510,000 5,100,000 51,000,000 510,000,000 u 0.56 5 6 56 560 5,600 56,000 560,000 5,600,000 56,000,000 560,000,000 v 0.62 6 2 62 620 6,200 62,000 620,000 6,200,000 62,000,000 620,000,000 w 0.68 6 8 68 680 6,800 68,000 680,000 6,800,000 68,000,000 680,000,000 x 0.75 7 5 75 750 7,50 0 75,000 750,000 7,500,000 75,000,000 750,000,000 y 0.82 8 2 82 820 8,200 82,000 820,000 8,200,000 82,000,000 820,000,000 z 0.91 9.1 91 910 9,100 91,000 910,000 9,100,000 91,000,000 910,000,000 a 0.25 2 5 25 250 2,500 25,000 250,000 2,500,000 25,000,000 250,000,000 b 0.35 3 5 35 350 3,500 35,000 350,000 3,500,000 35,000,000 350,000,000 d 0.4 4 0 40 400 4,000 40,000 400,000 4,000,000 40,000,000 400,000,000 e 0.45 4 5 45 450 4,500 45,000 450,000 4,500,000 45,000,000 450,000,000 f 0.5 5 0 50 500 5,000 50,000 500,000 5,000,000 50,000,000 500,000,000 m 0.6 6 0 60 600 6,000 60,000 600,000 6,000,000 60,000,000 600,000,000 n 0.7 7 0 70 700 7,000 70,000 700,000 7,000,000 70,000,000 700,000,000 t 0.8 8 0 80 800 8,000 80,000 800,000 8,000,000 80,000,000 800,000,000 y 0.9 9 0 90 900 9,000 90,000 900,000 9,000,000 90,000,000 900,000,000 surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 17 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12 and 16 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static cover tape (.10 mm (.004") maximum thickness) chip and kps orientation in pocket (except 1825 commercial, and 1825 and 2225 military) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration, embossed plastic & punched paper (mm) eia case size tape size (w)* embossed plastic punched paper 7" reel 13" reel 7" reel 13" reel pitch (p 1 )* pitch (p 1 )* 01005 C 0402 8 2 2 0603 8 2/4 2/4 0805 8 4 4 4 4 1206 C 1210 8 4 4 4 4 1805 C 1808 12 4 4 1812 12 8 8 kps 1210 12 8 8 kps 1812 & 2220 16 12 12 array 0508 & 0612 8 4 4 5hihuwr)ljxuhviru:dqg3 1 fduulhuwdshuhihuhqfhorfdwlrqv 5hihuwr7deohviruwrohudqfhvshflfdwlrqv new 2 mm pitch reel options* packaging ordering code (c-spec) packaging type/options c-3190 automotive grade 7" reel unmarked c-3191 automotive grade 13" reel unmarked c-7081 commercial grade 7" reel unmarked c-7082 commercial grade 13" reel unmarked ppslwfkuhhorqoddlodeohiru(,fdvhvlh ppslwfkuhhoiru(,fdvhvlhxqghughhorsphqw benef ts of changing from 4 mm to 2 mm pitching spacing ? lower placement costs ? double the parts on each reel results in fewer reel changes and increased eff ciency ? fewer reels result in lower packaging, shipping and storage costs, reducing waste surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 18 figure 1 C embossed (plastic) carrier tape dimensions po t f w cent er line s of ca vity ao bo user direction of unre elin g cover tape ko b 1 is for tape feeder reference only, including dra ft concentric abou t b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for c avity size, see note 1 table 4 [10 pitches cumulative tolerance on tape 0.2 mm] table 6 ? embossed (plastic) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 (0.171) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 8.2 (0.323) 10.25 (0.404) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) 4.6 (0.181) 12.3 (0.484) 16 mm triple (12 mm) 12.1 (0.476) 14.25 (0.561) 7.5 0.05 (0.138 0.002) 12.0 0.10 (0.157 0.004) 4.6 (0.181) 16.3 (0.642) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape with or without components shall pass around r without damage (see figure 6). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481 paragraph 4.3 section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 3). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 4). (e) for kps series product, a 0 and b 0 are measured on a plane 0.3 mm above the bottom of the pocket. (f) see addendum in eia standard 481 for standards relating to more precise taping requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 19 figure 2 C punched (paper) carrier tape dimensions user direct ion of unr eeli ng top cover t ape t center li nes o f cavity p 1 ?do po p 2 e 1 f e 2 w g a 0 b 0 cavity size, see n ote 1, tab le 7 bottom cover tape t 1 t 1 bottom cover tape [10 pitc he s cumulative tolerance on tape 0.2 mm] table 7 ? punched (paper) carrier tape dimensions metric will govern constant dimensions millimeters (inches) tape size d 0 e 1 p 0 p 2 t 1 maximum g minimum r reference note 2 8 mm 1.5 +0.10 -0.0 (0.059 +0.004 -0.0) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 0.10 (0.004) maximum 0.75 (0.030) 25 (0.984) variable dimensions millimeters (inches) tape size pitch e2 minimum f p 1 t maximum w maximum a 0 b 0 8 mm half (2 mm) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 2.0 0.05 (0.079 0.002) 1.1 (0.098) 8.3 (0.327) note 1 8 mm single (4 mm) 4.0 0.10 (0.157 0.004) 8.3 (0.327) 1. the cavity def ned by a 0 , b 0 and t shall surround the component with suff cient clearance that: a) the component does not protrude beyond either surface of the carrier tape. b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. c) rotation of the component is limited to 20 maximum (see figure 3). d) lateral movement of the component is restricted to 0.5 mm maximum (see figure 4). e) see addendum in eia standard 481 for standards relating to more precise taping requirements. 2. the tape with or without components shall pass around r without damage (see figure 6). surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 20 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 3 C maximum component rotation ao bo t s max imum c ompon en t rota ti on t op view maxi mum co mponent rotat ion s id e view tape m ax imum width (mm) r otat io n ( t ) 8,12 20 16 ? 200 10 tap e m aximum wid th ( mm) ro tat ion ( s ) 8,12 20 16 ? 56 10 72 ? 200 5 typical pocke t cente r line typical com po nent centerline figure 4 C maximum lateral movement 0.5 mm maxi mum 0.5 mm maxi mum 8 mm & 1 2 mm tape 1.0 mm maxi mum 1.0 mm maxi mum 1 6 mm tape figure 5 C bending radius r r b en ding radius e mbo ssed carrier p unc hed ca rrier surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 21 figure 6 C reel dimensions a d (see note) full radi us, see note b (see note) access hole at slot location (? 40 mm minimum) if present, tape slot in core for t ap e start: 2.5 mm minimum width x 10.0 mm minimum depth w 3 (includes flange distortion at outer edge) w 2 (m ea sured at hu b) w 1 (m ea sured at hu b) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n table 8 ? reel dimensions metric will govern constant dimensions millimeters (inches) tape size a b minimum c d minimum 8 mm 178 0.20 (7.008 0.008) or 330 0.20 (13.000 0.008) 1.5 (0.059) 13.0 +0.5/-0.2 (0.521 +0.02/-0.008) 20.2 (0.795) 12 mm 16 mm variable dimensions millimeters (inches) tape size n minimum w 1 w 2 maximum w 3 8 mm 50 (1.969) 8.4 +1.5/-0.0 (0.331 +0.059/-0.0) 12.4 +2.0/-0.0 (0.488 +0.078/-0.0) 16.4 +2.0/-0.0 (0.646 +0.078/-0.0) surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 22 figure 7 C tape leader & trailer dimensions trailer 16 0 mm minimum carrier t ape end start rou nd sp rock et holes el ongated spro ck et holes ( 32 mm tape and wi de r) t op co ve r t ape top c ove r t ape p unche d carrier 8 mm & 12 mm only e mboss ed carrier components 100 mm minimum leader 400 mm minimum figure 8 C maximum camber carrier tape round sprocket holes 1 mm ma ximum , either direction straight edge 250 mm elongated sprocket holes (32 mm & wider ta pe s) surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 23 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1013_x7r_ft-cap_smd ? 2/29/2016 24 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount multilayer ceramic chip capacitors (smd mlccs) flexible termination system (ft-cap), x7r dielectric, 6.3 C 250 vdc (commercial grade)


▲Up To Search▲   

 
Price & Availability of C1808X106JARACTU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X